| データシートサーチシステム |
|
A22Z-R25 データシート(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 データシート(HTML) 3 Page - Omron Electronics LLC |
|
3 / 40 page ![]() A22E 3 Ordering Information List of Models (Completely Assembled) Non-lighted Models (Without EMO/EMS Indication) * Models with Korean S-mark certification Note: Yellow cap models are also available (not for emergency stop use). Contact your OMRON representative. Non-lighted Models (With EMO/EMS Indication) * Models with Korean S-mark certification Note: The colors of switch blocks are as follows: NO (a-contact): Black NC (b-contact): Red The above illustration shows the 2NC (2b-contact) configuration. Operation Set Model Color of cap Appearance Contact configuration (Number of switch blocks) 1NC (1) A22E-MP-01 Red 1NC, 1NO (2) A22E-MP-11 2NC (2) A22E-MP-02 1NC (1) A22E-S-01 * 1NC, 1NO (2) A22E-S-11 * 2NC (2) A22E-S-02 * 2NC, 1NO (3) A22E-S-12 * 3NC (3) A22E-S-03 * 1NC (1) A22E-M-01 * 1NC, 1NO (2) A22E-M-11 * 2NC (2) A22E-M-02 * 2NC, 1NO (3) A22E-M-12 * 3NC (3) A22E-M-03 * 1NC (1) A22E-L-01 * 1NC, 1NO (2) A22E-L-11 * 2NC (2) A22E-L-02 * Operation Set Model Color of cap Appearance Contact configuration (Number of switch blocks) 1NC (1) A22E-M-01-EMO * Red A22E-M-01-EMO-RD 1NC, 1NO (2) A22E-M-11-EMO * A22E-M-11-EMO-RD 2NC (2) A22E-M-02-EMO * A22E-M-02-EMO-RD 2NC, 1NO (3) A22E-M-12-EMO * A22E-M-12-EMO-RD 3NC (3) A22E-M-03-EMO * A22E-M-03-EMO-RD 1NC (1) A22E-M-01-EMS * A22E-M-01-EMS-RD 1NC, 1NO (2) A22E-M-11-EMS * A22E-M-11-EMS-RD 2NC (2) A22E-M-02-EMS * A22E-M-02-EMS-RD 2NC, 1NO (3) A22E-M-12-EMS * A22E-M-12-EMS-RD 3NC (3) A22E-M-03-EMS * A22E-M-03-EMS-RD 40-dia. head Medium Pull-reset A22E-MP 30-dia. head Small Turn-reset A22E-S 40-dia. head Medium Turn-reset A22E-M 60-dia. Large Turn-reset A22E-L 40-dia. head Medium Turn-reset With EMO Indication 40-dia. head Medium Turn-reset With EMS Indication |