データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS971ID データシート(PDF) 14 Page - STMicroelectronics

部品番号 TS971ID
部品情報  Output rail-to-rail very low noise operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS971ID データシート(HTML) 14 Page - STMicroelectronics

Back Button TS971ID Datasheet HTML 9Page - STMicroelectronics TS971ID Datasheet HTML 10Page - STMicroelectronics TS971ID Datasheet HTML 11Page - STMicroelectronics TS971ID Datasheet HTML 12Page - STMicroelectronics TS971ID Datasheet HTML 13Page - STMicroelectronics TS971ID Datasheet HTML 14Page - STMicroelectronics TS971ID Datasheet HTML 15Page - STMicroelectronics TS971ID Datasheet HTML 16Page - STMicroelectronics TS971ID Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package information
TS971-TS972-TS974
14/17
3.8
DFN8 exposed pad package information
Figure 20.
DFN8 3x3 exposed pad package mechanical drawing
Table 11.
DFN8 3x3 exposed pad package mechanical data
Ref.
Dimensions
Millimeters
Mils
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
31.5
35.4
39.4
A1
0.02
0.05
0.8
2.0
A2
0.70
25.6
A3
0.20
7.9
b
0.18
0.23
0.30
7.1
9.1
11.8
D
2.875
3.00
3.125
118.1
D2
2.23
2.
2.48
87.8
90.7
97.7
E
2.875
3.00
3.125
118.1
E2
1.49
1.64
1.74
58.7
64.6
68.5
e
0.65
25.6
L
0.30
0.40
0.50
11.8
15.7
19.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17