データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS3L40 データシート(PDF) 5 Page - STMicroelectronics

部品番号 STPS3L40
部品情報  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L40 データシート(HTML) 5 Page - STMicroelectronics

  STPS3L40 Datasheet HTML 1Page - STMicroelectronics STPS3L40 Datasheet HTML 2Page - STMicroelectronics STPS3L40 Datasheet HTML 3Page - STMicroelectronics STPS3L40 Datasheet HTML 4Page - STMicroelectronics STPS3L40 Datasheet HTML 5Page - STMicroelectronics STPS3L40 Datasheet HTML 6Page - STMicroelectronics STPS3L40 Datasheet HTML 7Page - STMicroelectronics STPS3L40 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS3L40
Package Information
5/8
2
Package Information
●
Epoxy meets UL94,V0
Figure 14.
SMC footprint (dimensions in mm)
Table 4.
SMC package mechanical data
Ref
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.40
0.030
0.063
E
C
L
E2
E1
D
A1
A2
b
5.03
8.11
1.54
3.15
1.54



Html Pages

1 2 3 4 5 6 7 8