データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5130 データシート(PDF) 37 Page - ams AG

部品番号 AS5130
部品情報  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5130 データシート(HTML) 37 Page - ams AG

Back Button AS5130 Datasheet HTML 33Page - ams AG AS5130 Datasheet HTML 34Page - ams AG AS5130 Datasheet HTML 35Page - ams AG AS5130 Datasheet HTML 36Page - ams AG AS5130 Datasheet HTML 37Page - ams AG AS5130 Datasheet HTML 38Page - ams AG AS5130 Datasheet HTML 39Page - ams AG AS5130 Datasheet HTML 40Page - ams AG AS5130 Datasheet HTML 41Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
37 - 41
AS5130
Data Sheet - A p p l ic at i on I n f o r m at i on
described above may be re-run at defined X-and Y- misplacements of the magnet to determine the maximum
acceptable lateral displacement range. It is recommended to disable the AGC for both these tests (see Analog Sin/
Cos Outputs with External Interpolator on page 14).
Note: For preferred magnet suppliers, please refer to the austriamicrosystems website (Rotary Encoder section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41