| データシートサーチシステム |
|
AS1539-BTST データシート(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1539-BTST データシート(HTML) 3 Page - ams AG |
|
3 / 20 page ![]() www.austriamicrosystems.com Revision 1.02 3 - 20 AS1539/AS1541 Data Sheet - A b s o l u t e M a x i m u m R a t i n g s 5 Absolute Maximum Ratings Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character- istics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 2. Absolute Maximum Ratings Parameter Min Max Units Comments +VDD to GND -0.3 +6 V Digital Input Voltage to GND -0.3 +VDD + 0.3 V Thermal Resistance θJA 100 °C/W on PCB Operating Temperature Range -40 +85 ºC Storage Temperature Range -65 +150 ºC Junction Temperature (TJMAX) 150 ºC ESD 1.5 kV HBM MIL-Std. 883E 3015.7 methods Package Body Temperature +260 ºC The reflow peak soldering temperature (body temperature) specified is in accordance with IPC/JEDEC J-STD-020C “Moisture/Reflow Sensitivity Classification for Non-Hermetic Solid State Surface Mount Devices”. The lead finish for Pb-free leaded packages is matte tin (100% Sn). |