| データシートサーチシステム |
|
9DB102BFLF データシート(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB102BFLF データシート(HTML) 10 Page - Renesas Technology Corp |
|
10 / 14 page ![]() IDT® Two Output Differential Buffer for PCIe Gen1 & Gen2 852 REV Q 08/27/13 ICS9DB102 Two Output Differential Buffer for PCIe Gen1 & Gen2 10 SMBus Table: DEVICE ID Pin # Name Control Function Type0 1 PWD Bit 7 R 0 Bit 6 R 0 Bit 5 R 0 Bit 4 R 0 Bit 3 R 0 Bit 2 R 1 Bit 1 R 1 Bit 0 R 0 SMBus Table: Byte Count Register Pin # Name Control Function Type 0 1 PWD Bit 7 BC7 RW - - 0 Bit 6 BC6 RW - - 0 Bit 5 BC5 RW - - 0 Bit 4 BC4 RW - - 0 Bit 3 BC3 RW - - 0 Bit 2 BC2 RW - - 1 Bit 1 BC1 RW - - 1 Bit 0 BC0 RW - - 0 - - - - Byte 5 - Writing to this register will configure how many bytes will be read back, default is 06 = 6 bytes. - - - - - - - Byte 4 - - - - - - - - - - Device ID = 06 Hex - - |