| データシートサーチシステム |
|
ICS9FG104E データシート(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9FG104E データシート(HTML) 10 Page - Renesas Technology Corp |
|
10 / 19 page ![]() ICS9FG104E FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA IDT® FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA 10 ICS9FG104E REV D 102912 SMBus Table: Reserved Register Pin # Name Control Function Type 0 1 Default Bit 7 0 Bit 6 0 Bit 5 0 Bit 4 0 Bit 3 0 Bit 2 0 Bit 1 0 Bit 0 0 SMBus Table: Reserved Register Pin # Name Control Function Type 0 1 Default Bit 7 0 Bit 6 0 Bit 5 0 Bit 4 0 Bit 3 0 Bit 2 0 Bit 1 0 Bit 0 0 SMBus Table: M/N Programming Enable Pin # Name Control Function Type 0 1 Default Bit 7 M/N_Enable M/N Prog. Enable RW Disable Enable 0 Bit 6 1 Bit 5 REFOUT_En REFOUT Enable RW Disable Enable 1 Bit 4 0 Bit 3 0 Bit 2 0 Bit 1 0 Bit 0 0 SMBus Table: PLL Frequency Control Register Pin # Name Control Function Type 0 1 Default Bit 7 PLL N Div8 N Divider Prog bit 8 RW X Bit 6 PLL N Div9 N Divider Prog bit 9 RW X Bit 5 PLL M Div5 RW X Bit 4 PLL M Div4 RW X Bit 3 PLL M Div3 RW X Bit 2 PLL M Div2 RW X Bit 1 PLL M Div1 RW X Bit 0 PLL M Div0 RW X - - - Byte 10 - The decimal representation of M and N Divider in Byte 11 and 12 will configure the PLL VCO frequency. Default at power up = latch-in or Byte 0 Rom table. VCO Frequency = fXTAL x [NDiv(9:0)+8] / [MDiv(5:0)+2] - - M Divider Programming bit (5:0) - - - - - Reserved Reserved Reserved Reserved - Reserved - - Reserved Reserved Reserved Reserved 5 - Reserved Reserved Byte 9 - - - - - Byte 8 - - - - - - Byte 7 - - - - Reserved Reserved Reserved Reserved - Reserved Reserved Reserved Reserved Reserved Reserved Reserved |