| データシートサーチシステム |
|
GSAC-1212STM1 データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
GSAC-1212STM1 データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 5 page ![]() 3/5 POWER PLUG 15W ELECTRICAL CHARACTERISTICS (Tamb=25)C, unless otherwise specified.) GSAC-1510STM/x AGENCY APPROVALS The Power Plug is certified by competent agencies to comply with most popular safety and EMC requirements, including but not limited to: EN60950 EN60065 ETS300-342-I Symbol Parameter Test Condition Min. Typ. Max. Unit Vi Input Voltage Io = 0 to 1.0 A 187 264 VRMS Io Output Current Vi = 187 to 264 Vrms 1.0 A Vo Output Voltage Vi = 187 to 264 VRMS Io = 1.0 A 14.25 15 15.75 V Vor Output Ripple Vi = 187 to 264 VRMS Io = 1.0 A 150 mVpp Iosc Output short circuit current Vi = 187 to 264 VRMS 2.5 A n Efficiency Vi = 230 VRMS Io=1.0 A 80 % P stand by Power losses in no load condition Vi = 230 VRMS Io = 0 mA 500 mW Vis Isolation voltage Input to output 3000 VRMS Top Operating Ambient Temperature 0 40 °C Tstg Storage Temperature Range -20 70 °C |