データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD211RN データシート(PDF) 43 Page - STMicroelectronics

部品番号 PSD211RN
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RN データシート(HTML) 43 Page - STMicroelectronics

Back Button PSD211RN Datasheet HTML 39Page - STMicroelectronics PSD211RN Datasheet HTML 40Page - STMicroelectronics PSD211RN Datasheet HTML 41Page - STMicroelectronics PSD211RN Datasheet HTML 42Page - STMicroelectronics PSD211RN Datasheet HTML 43Page - STMicroelectronics PSD211RN Datasheet HTML 44Page - STMicroelectronics PSD211RN Datasheet HTML 45Page - STMicroelectronics PSD211RN Datasheet HTML 46Page - STMicroelectronics PSD211RN Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
PSD211R Family
40
Pin No.
Pin No.
44-Pin
44-Pin
PLDCC/CLDCC
PQFP
Pin Assignments
(Package Type L/J)
(Package Type M)
PSEN
1
39
WR/VPP or R/W
2
40
RESET
3
41
PB7
4
42
PB6
5
43
PB5
6
44
PB4
7
1
PB3
8
2
PB2
9
3
PB1
10
4
PB0
11
5
GND
12
6
ALE or AS
13
7
PA7
14
8
PA6
15
9
PA5
16
10
PA4
17
11
PA3
18
12
PA2
19
13
PA1
20
14
PA0
21
15
RD/E
22
16
AD0/A0
23
17
AD1/A1
24
18
AD2/A2
25
19
AD3/A3
26
20
AD4/A4
27
21
AD5/A5
28
22
AD6/A6
29
23
AD7/A7
30
24
A8
31
25
A9
32
26
A10
33
27
GND
34
28
A11
35
29
A12
36
30
A13
37
31
A14
38
32
A15
39
33
PC0
40
34
PC1
41
35
PC2
42
36
A19/CSI
43
37
VCC
44
38
19.0
Pin
Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51