| データシートサーチシステム |
|
PSD211RL データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD211RL データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 51 page ![]() PSD211R Family 31 NOTES: 1. CMOS inputs: GND ± 0.3 V or VCC ± 0.3V. 2. TTL inputs: VIL ≤ 0.8 V, VIH ≥ 2.0 V. 3. IOUT = 0 mA. 4. CSI/A19 is high and the part is in a power-down configuration mode. Symbol Parameter Conditions Min Typ Max Unit VCC Supply Voltage All Speeds 4.5 5 5.5 V VIH High-Level Input Voltage 4.5 V < VCC > 5.5 V 2 VCC +.1 V VIL Low-Level Input Voltage 4.5 V < VCC > 5.5 V – 0.5 0.8 V IOH = – 20 µA, VCC = 4.5 V 4.4 4.49 V VOH Output High Voltage IOH = – 2 mA, VCC = 4.5 V 2.4 3.9 V Output Low Voltage IOL = 20 µA, VCC = 4.5 V 0.01 0.1 V VOL (See Figure 14) IOL = 8 mA, VCC = 4.5 V 0.15 0.45 V ZPSD211R 10 20 µA ISB Standby Supply Current (Notes 1,4) PSD211R Standby Supply Current 50 100 µA ILI Input Leakage Current VSS < VIN > VCC –1 ±.1 1 µA ILO Output Leakage Current .45 < VIN > VCC –10 ± 5 10 µA ZPLD Turbo Mode = Off, f = 0 MHz See ISB µA ZPSD211R ZPLD Turbo Mode = On, f = 0 MHz 0.5 1 mA/PT Operating Suppy Current EPROM, f = 0 MHz 0 0 µA ICC (DC) SRAM, f = 0 MHz 0 0 µA (Note 3) PLD, f = 0 MHz 0.5 1 mA/PT PSD211R EPROM, f = 0 MHz 0 0 µA Operating Supply Current SRAM, f = 0 MHz 0 0 µA ZPLD AC Base (See Figure 13) Fig. 13 1 mA/MHz ICC (AC) EPROM Access CMiser = On and 8-Bit Bus Mode 0.8 2.0 mA/MHz (Note 3) AC Adder CMiser = Off 1.8 4.0 mA/MHz 18.5 AC/DC Characteristics – PSD211R/ZPSD211R (All 5 V devices) |