| データシートサーチシステム |
|
M95040-RBN6T データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RBN6T データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 37 page ![]() 35/37 M95040, M95020, M95010 PART NUMBERING Table 26. Ordering Information Scheme Note: 1. ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The High Reliability Cer- tified Flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy. 2. Used only for Device Grade 3 For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact your nearest ST Sales Of- fice. Table 27. How to Identify Present and Previous Products by the Process Identification Letter Example: M95040 – W MN 6 T P /W Device Type M95 = SPI serial access EEPROM Device Function 040 = 4 Kbit (512 x 8) 020 = 2 Kbit (256 x 8) 010 = 1 Kbit (128 x 8) Operating Voltage blank = VCC = 4.5 to 5.5V W = VCC = 2.5 to 5.5V R = VCC = 1.8 to 5.5V Package BN = PDIP8 MN = SO8 (150 mil width) DW = TSSOP8 (169 mil width) Device Grade 6 = Industrial temperature range, –40 to 85 °C. Device tested with standard test flow 3 = Device tested with High Reliability Certified Flow1. Automotive temperature range (–40 to 125 °C) Option blank = Standard Packing T = Tape and Reel Packing Plating Technology blank = Standard SnPb plating P = Lead-Free and RoHS compliant G = Lead-Free, RoHS compliant, Sb2O3-free and TBBA-free Process2 blank = F6SP20% /W = F6SP36% Markings on Present Products1 Markings on Previous Products1 95040W6 AYWWW (or AYWWG) 95040W6 AYWWK |