データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD913F1 データシート(PDF) 5 Page - STMicroelectronics

部品番号 PSD913F1
部品情報  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 データシート(HTML) 5 Page - STMicroelectronics

  PSD913F1 Datasheet HTML 1Page - STMicroelectronics PSD913F1 Datasheet HTML 2Page - STMicroelectronics PSD913F1 Datasheet HTML 3Page - STMicroelectronics PSD913F1 Datasheet HTML 4Page - STMicroelectronics PSD913F1 Datasheet HTML 5Page - STMicroelectronics PSD913F1 Datasheet HTML 6Page - STMicroelectronics PSD913F1 Datasheet HTML 7Page - STMicroelectronics PSD913F1 Datasheet HTML 8Page - STMicroelectronics PSD913F1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
1
1.0
Introduction
Preliminary Information
PSD913F2, PSD934F2,
PSD954F2
Configurable Memory System
on a Chip for 8-Bit Microcontrollers
The PSD9XX family of Programmable System Devices (for 8-bit microcontrollers) brings
In-System-Programmability (ISP) to Flash memory and programmable logic. The result is a
simple and flexible solution for embedded designs. PSD9XX devices combine many of the
peripheral functions found in MCU based applications:
• Up to 2 Mbit of Flash memory
• A secondary 256 Kbit Flash memory
• Over 2,000 gates of Flash programmable logic
• Up to 256 Kbit SRAM
• Reconfigurable I/O ports
• Programmable power management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94