| データシートサーチシステム |
|
21152 データシート(PDF) 39 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
21152 データシート(HTML) 39 Page - Intel Corporation |
|
39 / 148 page ![]() 21152 PCI-to-PCI Bridge Preliminary Datasheet 4-5 PCI Bus Operation Figure 4-1 shows a memory write transaction in flow-through mode, where data is being removed from buffers on the target interface while more data is being transferred into the buffers on the master interface. Figure 4-1. Flow-Through Posted Memory Write Transaction 86% LJ-04843.AI4 p_frame_l p_cbe_l p_ad p_irdy_l p_devsel_l p_trdy_l p_stop_l s_frame_l s_cbe_l s_ad s_irdy_l s_devsel_l s_trdy_l s_stop_l p_clk s_clk Cycle CY0 < 15ns > CY1 CY2 CY3 CY4 CY5 CY6 CY7 CY8 CY10 CY9 CY11 CY12 CY13 CY14 CY15 CY16 CY17 Addr Data Data Data Data Data Data Data Data 7 Byte Enables Byte Enables Addr 7 Data Data Data Data Data Data Data Data Data Data Data Data |