データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P0102DN5AA4 データシート(PDF) 5 Page - STMicroelectronics

部品番号 P0102DN5AA4
部品情報  0.8A SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102DN5AA4 データシート(HTML) 5 Page - STMicroelectronics

  P0102DN5AA4 Datasheet HTML 1Page - STMicroelectronics P0102DN5AA4 Datasheet HTML 2Page - STMicroelectronics P0102DN5AA4 Datasheet HTML 3Page - STMicroelectronics P0102DN5AA4 Datasheet HTML 4Page - STMicroelectronics P0102DN5AA4 Datasheet HTML 5Page - STMicroelectronics P0102DN5AA4 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P01 Series
5/6
Fig. 10:
On-state
characteristics (maximum
values).
Fig. 11: SOT-223 Thermal resistance junction to
ambient versus copper surface under tab (Epoxy
printed circuit board FR4, copper thickness:
35
µm).
Ω
ITM(A)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1E+1
1E+0
1E-1
1E-2
VTM(V)
Rth(j-a) (°C/W)
S (cm )
2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
130
120
110
100
90
80
70
60
50
40
30
20
10
0
PACKAGE MECHANICAL DATA
TO-92 (Plastic)
D
F
a
E
B
A
C
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
0.053
B
4.70
0.185
C
2.54
0.100
D
4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019



Html Pages

1 2 3 4 5 6