| データシートサーチシステム |
|
M95040-RBN3T データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RBN3T データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 37 page ![]() 17/37 M95040, M95020, M95010 Write to Memory Array (WRITE) As shown in Figure 13., to send this instruction to the device, Chip Select (S) is first driven Low. The bits of the instruction byte, address byte, and at least one data byte are then shifted in, on Serial Data Input (D). The instruction is terminated by driving Chip Se- lect (S) High after the rising edge of Serial Clock (C) that latches the last data bit, and before the next rising edge of Serial Clock (C) occurs any- where on the bus. In the case of Figure 13., this occurs after the eighth bit of the data byte has been latched in, indicating that the instruction is being used to write a single byte. The self-timed Write cycle starts, and continues for a period tWC (as specified in Table 18. to Table 22.), at the end of which the Write in Progress (WIP) bit is reset to 0. If, though, Chip Select (S) continues to be driven Low, as shown in Figure 14., the next byte of input data is shifted in. In this way, all the bytes from the given address to the end of the same page can be programmed in a single instruction. If Chip Select (S) still continues to be driven Low, the next byte of input data is shifted in, and is used to overwrite the byte at the start of the current page. The instruction is not accepted, and is not execut- ed, under the following conditions: – if the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable instruction just before) – if a Write cycle is already in progress – if the device has not been deselected, by Chip Select (S) being driven High, at a byte boundary (after the rising edge of Serial Clock (C) that latches the last data bit, and before the next rising edge of Serial Clock (C) occurs anywhere on the bus) – if Write Protect (W) is Low or if the addressed page is in the region protected by the Block Protect (BP1 and BP0) bits. Figure 13. Byte Write (WRITE) Sequence Note: Depending on the memory size, as shown in Table 6., the most significant address bits are Don’t Care. AI01442D C D S Q A7 2 1 3456789 10 11 12 13 14 15 16 17 18 19 A6 A5 A4 A3 A2 A1 A0 A8 20 21 22 23 High Impedance Instruction Byte Address 0 765432 0 1 Data Byte |