| データシートサーチシステム |
|
RIVA128ZX データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RIVA128ZX データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 85 page ![]() 128-BIT 3D MULTIMEDIA ACCELERATOR RIVA128ZX 20/85 Figure 10. 2X Basic write no delay Figure 10 is a basic write transaction that transfers data at the 2X rate. There is no difference in the control signals from AGP 1x mode - only more data is moved. The normal control signals determine when data is valid. Figure 11. QuadWord writes back to back - no delays Figure 11 illustrates multiple 8 byte write operations compared with the single transfer shown in Figure 10. When the transactions are short, the arbiter is required to give grants on every clock or the AD bus will not be totally utilized. In this example a new write is started on each rising clock edge except clock 7, because the arbiter deasserted PCIGNT# on clock 6. Since a new transaction is started on each CLK, PCIIRDY# is only deasserted on clock 7. xxx xxx 01x xxx xxx xx xxx xxx xxx +2 +3 +4 W1 +1 +5 +6 +7 BE BE BE BE BE BE BE BE PCICLK PCIAD[31:0] PCICBE# AGPADSTBx PCIIRDY# PCITRDY# PCIREQ# PCIGNT# AGPST[2:0] 123456 7 8 9 01x 01x 01x 01x xxx xx 01x 01x xxx W6 +1 x W5 +1 W7 +1 W3 +1 W4 +1 W8 +1 BE BE BE BE BE BE BE BE BE BE BE BE PCICLK PCIAD[31:0 ] PCICBE# AGPADSTBx PCIIRDY# PCITRDY# PCIGNT# AGPST[2:0] 1 23456 7 8 9 |