データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC30 データシート(PDF) 9 Page - STMicroelectronics

部品番号 FC30
部品情報  MEMS functional sensor:smart 3D orientation and click detection standalone device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC30 データシート(HTML) 9 Page - STMicroelectronics

Back Button FC30 Datasheet HTML 5Page - STMicroelectronics FC30 Datasheet HTML 6Page - STMicroelectronics FC30 Datasheet HTML 7Page - STMicroelectronics FC30 Datasheet HTML 8Page - STMicroelectronics FC30 Datasheet HTML 9Page - STMicroelectronics FC30 Datasheet HTML 10Page - STMicroelectronics FC30 Datasheet HTML 11Page - STMicroelectronics FC30 Datasheet HTML 12Page - STMicroelectronics FC30 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FC30
Device and technology information
9/13
4
Device and technology information
The FC30 is an ultra-compact, low power 3-dimensional orientation and click/double-click
sensor. Manufactured with MEMS technology, the FC30 offers many advantages compared
to the conventional fabrication technology used nowadays in portable devices, including:
●
Potential for additional strong miniaturization, leveraging the characteristics of
micromachining technology
●
No surface friction effects, wear effects and acoustic noise generation
●
Embedded electronic signal conditioning allows reduced power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13