| データシートサーチシステム |
|
STF40NF06 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STF40NF06 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 12 page ![]() STF40NF06 Electrical characteristics 5/12 Table 6. Source drain diode Symbol Parameter Test conditions Min Typ. Max Unit ISD Source-drain current 23 A ISDM (1) 1. Pulse width limited by safe operating area Source-drain current (pulsed) 92 A VSD (2) 2. Pulsed: pulse duration=300µs, duty cycle 1.5% Forward on voltage ISD=23A, VGS=0 1.3 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD=40A, di/dt = 100A/µs, VDD=10V, Tj=150°C (see Figure 15) 63 150 4.8 ns nC A |