| データシートサーチシステム |
|
SP381/RL/BLACK データシート(PDF) 2 Page - Pro-Power |
|
|
|||||||||||||||||||||||||||||
SP381/RL/BLACK データシート(HTML) 2 Page - Pro-Power |
|
2 / 8 page ![]() SP Series Heat Shrink Tubing Page 2 18/04/06 V1.0 Property Test Method Values Tensile strength ISO 37 10MPa minimum Ultimate elongation ISO 37 250% minimum Specific gravity ISO 1183 1.35 maximum Heat shock ASTM D2671 (4 hours at 250 °C) No dripping, cracking or flowing Heat ageing Ultimate elongation ISO 188 (168 hours at 175 °C) ISO 37 150% minimum Low temperature flexibility ASTM D2671 (4 hours at -55 °C) No cracking Flammability (except clear) ASTM D876 Pass Electric strength IEC 243 20kV/mm minimum Corrosion (copper contact and copper mirror) ASTM D2671 No corrosion Water absorption ISO 62 0.5% maximum Fluid resistance Gasoline Hydraulic fluid Lubricating oil Tensile strength Ultimate elongation ISO 1817 ISO 37 7MPa minimum 200% minimum Fungus resistance Tensile strength Ultimate elongation ISO 846 ISO 37 10Mpa minimum 250% minimum Type Shrinktek Military CSA SP ST6002 MIL-DTL 23053/5 DEF STAN 59-97 VG 95343 Pt5 600V, 125°C (OFT) Specification Values Specification References/Approvals |