| データシートサーチシステム |
|
WM8951L データシート(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8951L データシート(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 42 page ![]() Production Data WM8951 w PD Rev 4.1 December 2007 3 PIN CONFIGURATION ORDERING INFORMATION DEVICE TEMPERATURE RANGE AVDD RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8951LGEFL -25 to +85oC 1.8 to 3.6V 28-lead QFN (lead free) MSL 1 260°C WM8951LGEFL/R -25 to +85oC 1.8 to 3.6V 28-lead QFN (lead free, tape and reel) MSL 1 260°C Note: Reel quantity = 3,500 |