| データシートサーチシステム |
|
DLB22-R11XY データシート(PDF) 6 Page - Hylec-APL Ltd. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DLB22-R11XY データシート(HTML) 6 Page - Hylec-APL Ltd. All rights reserved. |
|
6 / 35 page ![]() 10 MAKING THE RIGHT CONNECTIONS T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com 11 Control Stations & Enclosures DE Enclosures - Hole Features of Range: • Complete with M20 cable knockouts • 4 sizes avaliable in Standard and deep base • Also avaliable in ABS-UL94 and Polycarbonate • Unique snap-on DIN rail and flange brackets available • Sealed to IP67 • Suitable for mounting control switches or enclosing printed circuit boards • Captive plastic screws in lid Product Code IP rating Colour (Cover / Base) Material Size H (mm) W (mm) D (mm) Temp Rating Description DE01S-A-BB-1 IP67 Black / Black ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-A-GG-1 IP67 Grey / Grey ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-A-BG-1 IP67 Black /Grey ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-A-GB-1 IP67 Grey/ Black ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-A-YB-1 IP67 Yellow/ Black ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-A-YG-1 IP67 Yellow/ Grey ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-P-BB-1 IP67 Black/ Black Polycarbonate DE01S 80 73 53 -10c to +65c DE01S-P-GG-1 IP67 Grey/ Grey Polycarbonate DE01S 80 73 53 -10c to +65c DE01S-A-BG-1 IP67 Black /Grey Polycarbonate DE01S 80 73 53 -10c to +65c DE01S-A-GB-1 IP67 Grey/ Black Polycarbonate DE01S 80 73 53 -10c to +65c DE01S-P-YB-1 IP67 Yellow/ Black Polycarbonate DE01S 80 73 53 -10c to +65c DE01S-P-YG-1 IP67 Yellow/ Grey Polycarbonate DE01S 80 73 53 -10c to +65c DE01 Enclosure With 1 x 22mm Hole DE01 Deep Base - 78mm DE02 Enclosure with 2x22mm Hole DE03 Deep Base - 78mm DE02 Deep Base - 78mm DE03 Enclosure with 3x22mm Hole DE01D-A-BB-1 IP67 Black/ Black ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-A-GG-1 IP67 Grey/ Grey ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-A-BG-1 IP67 Black /Grey ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-A-GB-1 IP67 Grey/ Black ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-A-YB-1 IP67 Yellow/ Black ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-A-YG-1 IP67 Yellow/ Grey ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-P-BB-1 IP67 Black/ Black Polycarbonate DE01D 80 73 78 -10c to +65c DE01D-P-GG-1 IP67 Grey/ Grey Polycarbonate DE01D 80 73 78 -10c to +65c DE01D-A-BG-1 IP67 Black /Grey Polycarbonate DE01D 80 73 78 -10c to +65c DE01D-A-GB-1 IP67 Grey/ Black Polycarbonate DE01D 80 73 78 -10c to +65c DE01D-P-YB-1 IP67 Yellow/ Black Polycarbonate DE01D 80 73 78 -10c to +65c DE01D-P-YG-1 IP67 Yellow/ Grey Polycarbonate DE01D 80 73 78 -10c to +65c DE02S-A-BB-2 IP67 Black/ Black ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-A-GG-2 IP67 Grey/ Grey ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-A-BG-2 IP67 Black /Grey ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-A-GB-2 IP67 Grey/ Black ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-A-YB-2 IP67 Yellow/ Black ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-A-YG-2 IP67 Yellow/ Grey ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-P-BB-2 IP67 Black/ Black Polycarbonate DE02S 80 106 53 -10c to +65c DE02S-P-GG-2 IP67 Grey/ Grey Polycarbonate DE02S 80 106 53 -10c to +65c DE02S-A-BG-2 IP67 Black /Grey Polycarbonate DE02S 80 106 53 -10c to +65c DE02S-A-GB-2 IP67 Grey/ Black Polycarbonate DE02S 80 106 53 -10c to +65c DE02S-P-YB-2 IP67 Yellow/ Black Polycarbonate DE02S 80 106 53 -10c to +65c DE02S-P-YG-2 IP67 Yellow/ Grey Polycarbonate DE02S 80 106 53 -10c to +65c DE03D-A-BB-3 IP67 Black/ Black ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-A-GG-3 IP67 Grey/ Grey ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-A-BG-3 IP67 Black /Grey ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-A-GB-3 IP67 Grey/ Black ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-A-YB-3 IP67 Yellow/ Black ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-A-YG-3 IP67 Yellow/ Grey ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-P-BB-3 IP67 Black/ Black Polycarbonate DE03D 80 139 78 -10c to +65c DE03D-P-GG-3 IP67 Grey/ Grey Polycarbonate DE03D 80 139 78 -10c to +65c DE03D-A-BG-3 IP67 Black /Grey Polycarbonate DE03D 80 139 78 -10c to +65c DE03D-A-GB-3 IP67 Grey/ Black Polycarbonate DE03D 80 139 78 -10c to +65c DE03D-P-YB-3 IP67 Yellow/ Black Polycarbonate DE03D 80 139 78 -10c to +65c DE03D-P-YG-3 IP67 Yellow/ Grey Polycarbonate DE03D 80 139 78 -10c to +65c Product Code IP rating Colour (Cover / Base) Material Size H (mm) W (mm) D (mm) Temp Rating Description DE02D-A-BB-2 IP67 Black/ Black ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-A-GG-2 IP67 Grey/ Grey ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-A-BG-2 IP67 Black /Grey ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-A-GB-2 IP67 Grey/ Black ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-A-YB-2 IP67 Yellow/ Black ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-A-YG-2 IP67 Yellow/ Grey ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-P-BB-2 IP67 Black/ Black Polycarbonate DE02D 80 106 78 -10c to +65c DE02D-P-GG-2 IP67 Grey/ Grey Polycarbonate DE02D 80 106 78 -10c to +65c DE02D-A-BG-2 IP67 Black /Grey Polycarbonate DE02D 80 106 78 -10c to +65c DE02D-A-GB-2 IP67 Grey/ Black Polycarbonate DE02D 80 106 78 -10c to +65c DE02D-P-YB-2 IP67 Yellow/ Black Polycarbonate DE02D 80 106 78 -10c to +65c DE02D-P-YG-2 IP67 Yellow/ Grey Polycarbonate DE02D 80 106 78 -10c to +65c DE03S-A-BB-3 IP67 Black/ Black ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-A-GG-3 IP67 Grey/ Grey ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-A-BG-3 IP67 Black /Grey ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-A-GB-3 IP67 Grey/ Black ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-A-YB-3 IP67 Yellow/ Black ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-A-YG-3 IP67 Yellow/ Grey ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-P-BB-3 IP67 Black/ Black Polycarbonate DE03S 80 139 53 -10c to +65c DE03S-P-GG-3 IP67 Grey/ Grey Polycarbonate DE03S 80 139 53 -10c to +65c DE03S-A-BG-3 IP67 Black /Grey Polycarbonate DE03S 80 139 53 -10c to +65c DE03S-A-GB-3 IP67 Grey/ Black Polycarbonate DE03S 80 139 53 -10c to +65c DE03S-P-YB-3 IP67 Yellow/ Black Polycarbonate DE03S 80 139 53 -10c to +65c DE03S-P-YG-3 IP67 Yellow/ Grey Polycarbonate DE03S 80 139 53 -10c to +65c A range of enclosures supplied complete with 22mm holes for fitting of switches/indicators H W D H W D |