| データシートサーチシステム |
|
F3SG-R データシート(PDF) 156 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R データシート(HTML) 156 Page - Omron Electronics LLC |
|
156 / 164 page ![]() F3W-MA 156 Side Mounting Standard Adjustable Bracket (F39-LGA, sold separately) Standard Adjustable Bracket (F39-LGA) Standard Adjustable Bracket (F39-LGA) 35 48.6 2-M5 or M6 2-M5 or M6 35 9.2 42.35 < Screw: M5 or M6 > *1. The number of brackets required to mount either one of emitter and receiver. *2. Mounting an emitter or receiver with one bracket is possible. In this case, locate this bracket at half the Dimension A (or at the center of the sensor length). Model F3W-MA0100P F3W-MA0300P Dimension A 208 448 Dimension C1 190 430 Dimension D 140 380 Dimension P 20 20 Number of Standard Adjustable Brackets *1 2 *2 2 72 42 45.1 84 6.4 31.8 34.5 Material: Zinc alloy, Fluorine-containing |