| データシートサーチシステム |
|
F3SG-R データシート(PDF) 158 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R データシート(HTML) 158 Page - Omron Electronics LLC |
|
158 / 164 page ![]() F3W-MA 158 Side Mounting Standard Fixed Bracket (F39-LGF, sold separately) Standard Fixed Bracket (F39-LGF) Standard Fixed Bracket (F39-LGF) 35 40 2-M5 or M6 2-M5 or M6 9.2 35 42.35 < Screw: M5 or M6 > *1. The number of brackets required to mount either one of emitter and receiver. *2. Mounting an emitter or receiver with one bracket is possible. In this case, locate this bracket at half the Dimension A (or at the center of the sensor length). Model F3W-MA0100P F3W-MA0300P Dimension A 208 448 Dimension C1 190 430 Dimension D 140 380 Dimension P 20 20 Number of Standard Fixed Brackets *1 2 *2 2 51 (23.1) (25.8) 66 6.4 36 Material: Zinc alloy |