| データシートサーチシステム |
|
AJ71QC24N-R2 データシート(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
AJ71QC24N-R2 データシート(HTML) 10 Page - Omron Electronics LLC |
|
10 / 24 page ![]() 10 EJ1 Multiple Units with an EJ1N-HFU Using the EJ1N-HFU @-NFL@ to Build Systems Communicating 1:1 with a PLC Using Programless Communications • Up to eight HFUs can be connected to one port on a PLC. • G3ZA/G3PW outputs can be used. • Distributed placement is possible by using multiple EJ1C-EDU End Units. • To connect more than one HFU, specific PLC and EJ1 models must be used. Refer to “Connecting EJ1 Controllers 1:N to a PLC” on page 13. Multiple Units with an EJ1N-HFU Using the EJ1N-HFUB-DRT to Build a System Communicating with a PLC • Up to 63 DeviceNet slaves can be connected to the DeviceNet Masters in one PLC. • G3ZA/G3PW outputs can be used. • Distributed placement is possible by using multiple EJ1C-EDU End Units. V1.1 Up to eight HFUs can be connected. PC EJ1N-HFU PLC EJ1N-TC4 or EJ1N-TC2 EJ1C-EDU Port B Port B is used for distributed placement. Port A (connector): USB connection can be made with the E58-CIFQ1 (sold separately). CX-Thermo for setting Port C SYSMAC (OMRON PLC) RS-485 MELSEC (Mitsubishi Electric PLC) RS-422 EJ1N-HFU EJ1N-TC4 or EJ1N-TC2 EJ1C-EDU Port C Note: Set the EJ1N-TC to a communications unit number that is not being used by the EJ1N-HFU. COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 CDE COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 CDE COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 CDE COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-HFU CDE COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 CDE COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 CDE COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 CDE COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-HFU CDE Up to 63 nodes (including other slaves) PC PLC DeviceNet Configurator or CX-Integrator DeviceNet Serial communications EJ1N DRT MS NS TS MAX No. NODE ADR COPY EDS UP/DN MODE TC2/4 NO 10 1 COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 DEF COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 DEF COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 DEF EJ1N DRT MS NS TS MAX No. NODE ADR COPY EDS UP/DN MODE TC2/4 NO 10 1 COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 DEF COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 DEF COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 DEF EJ1N-HFU EJ1N-TC4 or EJ1N-TC2 EJ1C-EDU Port B Port C EJ1N-HFU EJ1N-TC4 or EJ1N-TC2 EJ1C-EDU Port B is used for distributed placement. |