| データシートサーチシステム |
|
A1SJ71QC24N-R2 データシート(PDF) 19 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A1SJ71QC24N-R2 データシート(HTML) 19 Page - Omron Electronics LLC |
|
19 / 24 page ![]() EJ1 19 Options Current Transformer (Sold Separately) 40 @ 30 12 dia. 9 2.36 dia. 15 30 Two, M3 (depth: 4) E54-CT3 Plug Armature Lead 30 21 15 5.8 dia. 25 3 40 10.5 2.8 7.5 10 Two, 3.5 dia. E54-CT1 Connection Example Approx. 3 dia. 18 (22) Approx. 6 dia. E54-CT3 Accessory • Armature • Plug Rail Mounting Equipment (Order Separately) DIN Rail PFP-100N PFP-50N * The figures in parentheses are dimensions for the PFP-50N. 4.5 15 25 25 10 10 1000 (500) * 25 25 15 (5) * 35±0.3 7.3±0.15 27±0.15 1 50 11.5 10 M4 × 8 panhead screw M4 spring washer 4.8 1.3 1.8 1 10 6.2 1.8 35.5 35.3 End Plate PFP-M Note: Two screws are included with the EJ1C-EDU for the End Plate. Always attach End Plates to both sides. |