| データシートサーチシステム |
|
E3Z-R81K 2M データシート(PDF) 6 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3Z-R81K 2M データシート(HTML) 6 Page - Omron Electronics LLC |
|
6 / 18 page ![]() 6 E3Z Sensing method Transparent glass Limited-reflective (for transparent object detection ) Model NPN output E3Z-L63 E3Z-L68 Item PNP output E3Z-L83 E3Z-L88 Sensing distance 30±20 mm (transparent glasses 100 × 100 mm) Spot diameter (reference value) 2-mm dia. min. (at sensing distance of 30 mm) Minimum detectable object (reference value) 0.1 mm dia. (copper wire) Light source (wavelength) Red LED (660 nm) Current consumption 30 mA max. Protection circuits Power supply reverse polarity protection, Output short-circuit protection, Mutual interference prevention, Reverse output polarity protection Response time Operate or reset: 1 ms max. Degree of protection IEC, IP67 Connection method Pre-wired (standard length: 2 m) M8 connector Weight (packed state) Pre-wired cable (2 m) Approx. 65 g Standard Connector Approx. 20 g Material Case PBT (polybutylene terephthalate) Lens Modified polyarylate |