データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E32-R21 データシート(PDF) 38 Page - Omron Electronics LLC

部品番号 E32-R21
部品情報  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 データシート(HTML) 38 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 30Page - Omron Electronics LLC E32-R21 Datasheet HTML 31Page - Omron Electronics LLC E32-R21 Datasheet HTML 32Page - Omron Electronics LLC E32-R21 Datasheet HTML 33Page - Omron Electronics LLC E32-R21 Datasheet HTML 34Page - Omron Electronics LLC E32-R21 Datasheet HTML 35Page - Omron Electronics LLC E32-R21 Datasheet HTML 36Page - Omron Electronics LLC E32-R21 Datasheet HTML 37Page - Omron Electronics LLC E32-R21 Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
E3X-NH
E3X-NH
38
Use the attached saddle to secure the end cap of the Protective Spi-
ral Tube. To secure the Protective Spiral Tube at a position other
than the end cap, apply tape to the tube so that the portion becomes
thicker in diameter.
End cap
WARNING
The E3X-NH/NHB is not a safety component for ensuring the
safety of people as defined in EC Directive 91/368/EEC, or as
covered by separate European standards or by any other reg-
ulations or standards.
Reflector
Observe the Following Precautions when Using the Reflec-
tor (E39-R3)
Use detergent, etc., to remove any dust or oil from the surfaces
where tape is applied. Adhesive tape will not be attached properly if
oil or dust remains on the surface.
The E39-R3 cannot be used in places where it is exposed to oil or
chemicals.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. E258-E1-3
In the interest of product improvement, specifications are subject to change without notice.
Printed in Japan
0698-1.5M (0297) a
OMRON Corporation
Industrial Sensors Division
Sensing Devices and Components Division H.Q.
28th Fl., Crystal Tower Bldg.
1-2-27, Shiromi, Chuo-ku,
Osaka 540-6028 Japan
Phone: (81)6-949-6012 Fax: (81)6-949-6021
!
Saddle
Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38