| データシートサーチシステム |
|
E39-R5 データシート(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R5 データシート(HTML) 13 Page - Omron Electronics LLC |
|
13 / 27 page ![]() E3S-A Sensors with Standard Connectors 29.2 5.5 1.2 10.7 3.1 7.2 5 7.2 16.9 28.9 20 35.5 10.5 Stainless steel (SUS304) *The Mounting Bracket can be attached to side A. Optical axis Optical axis A* Two, M3 × 12 screws With Mounting Bracket Attached E3S-AT16/36 (Receiver) 1.3 10.5 20 8 21 40 12.9 7 (10) 12 12.4 20 Lens (7 × 7) Optical axis Two, M3 × 12 screws Sensitivity adjuster (white) Light indicator (red) Stability indicator (green) Operation mode selector switch Two, M3 M12 Connector Mounting Holes 29.2 5.5 1.2 10.7 3.1 7.2 5 20 35.5 10.5 7.2 16.9 28.9 Stainless steel (SUS304) *The Mounting Bracket can be attached to side A. Optical axis Optical axis A* Two, M3 × 12 screws With Mounting Bracket Attached E3S-AT16/36 (Emitter) 40 17.8 (10) 12 12.4 1.3 10.5 20 8 21 20 Two, M3 × 12 screws Lens (7 × 7) Optical axis Power indicator (red) Two, M3 M12 Connector Mounting Holes http://www.ia.omron.com/ 13 (c)Copyright OMRON Corporation 2007 All Rights Reserved. |