| データシートサーチシステム |
|
E32-R16 データシート(PDF) 28 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 データシート(HTML) 28 Page - Omron Electronics LLC |
|
28 / 38 page ![]() E3X-NH E3X-NH 28 E32-DC200F E32-DC200F4 E32-D11 Sixteen, 0.265 dia. Sensing head (SUS303) M6 X 0.75 Two toothed washers Two hexagon clamping nuts Protective tube Optical fiber, two, 2.2 dia. Two, 0.5 dia. (see note) Note: The value in the parentheses is for the E32-DC200F4. 1.2 dia. max. Stainless tube (SUS304) Sensing head M3 x 0.5 (SUS304) Two hexagon clamping nuts Two toothed washers Optical fiber, two, 1 dia. Two, fiber attachment (E39-F9) Four, 0.25 dia. Optical fiber, two, 1 dia. Two, fiber attachment (E39-F9) Two toothed washers Two hexagon clamping nuts Protective tube Sensing head (nickel-plated brass) M3 x 0.5 E32-D21 E32-D33 Two, 0.25 dia. 0.8 dia. Sensing head (SUS303) 3 dia. Heat-shrinking tubing Optical fiber, two, 1 dia. Two, fiber attachment (E39-F9) E32-CC200 Note: The fiber for the emitter is identified by a white line. 1.0 dia. for light emission 2.5 dia. Two toothed washers Two hexagon clamping nuts Sensing head M6 x 0.75 (nickel-plated brass) Optical fiber, two, 2.2 dia. Sixteen, 0.25 dia. for light reception E32-D11R E32-D21R Two, 151-0.075 dia. 4 dia. Sensing head M6 (ADC) Two, 151-0.037 dia. Sensing head M3 (nickel-plated brass) Two toothed washers Two hexagon clamping nuts Optical fiber, two, 2.2 dia. Two, fiber attachment (E39-F9) Optical fiber, two, 1.0 dia. Two toothed washers Two hexagon clamping nuts E32-D32 Note: The fiber for the emitter is identified by a white line. Light emission fiber (0.5 dia.) Sensing head (SUS303) Heat-shrinking tubing Optical fibers, two, 1 dia. Two fiber attachments (E39-F9) Light reception fiber (four, 0.25 dia.) 2 dia. 3 dia. |