| データシートサーチシステム |
|
E5DC-RX0ASM-015 データシート(PDF) 50 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX0ASM-015 データシート(HTML) 50 Page - Omron Electronics LLC |
|
50 / 120 page ![]() E5EC/E5EC-B/E5AC 50 110 96 x 96 60 (64) 4 91 1 Mounting Adapter (Accessory) Waterproof Packing (Accessory) 91 x 91 92+0.8 0 120 min. (96 × number of units − 3.5)+1.0 0 Group mounting does not allow waterproofing. Mounted Separately Group Mounted 92+0.8 0 92+0.8 0 E5AC • Recommended panel thickness is 1 to 8 mm. • Group mounting is not possible in the vertical direction. (Maintain the specified mounting space between Controllers.) • To mount the Controller so that it is waterproof, insert the waterproof packing onto the Controller. • When two or more Controllers are mounted, make sure that the sur- rounding temperature does not exceed the allowable operating tem- perature specified in the specifications. • Setup Tool ports are provided as standard feature. Use these ports to connect a computer to the Digital Temperature Controller. The E58-CIFQ2 USB-Serial Conversion Cable is required to connect to the port on the top panel. The E58-CIFQ2 USB-Serial Conversion Cable and E58- CIFQ2-E Communications Conversion Cable are required to connect to the port on the front panel. (You cannot leave either port connected constantly during operation.) |