| データシートサーチシステム |
|
E5DC-RX0AUM-015 データシート(PDF) 48 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX0AUM-015 データシート(HTML) 48 Page - Omron Electronics LLC |
|
48 / 120 page ![]() E5EC/E5EC-B/E5AC 48 Isolation/Insulation Block Diagrams Models with 2 Auxiliary Outputs Models with 4 Auxiliary Outputs Note: Auxiliary outputs 1 to 2 and 3 to 4 are not insulated. Nomenclature Sensor input, CT inputs, and remote SP input Communications and event inputs Voltage output (for driving SSR) and transfer output Relay output Auxiliary output 1 Auxiliary output 2 : Reinforced insulation : Functional isolation Power Supply Sensor input, CT inputs, potentiometer input, and remote SP input Communications and event inputs Voltage output (for driving SSR), linear current output, and transfer output Relay output Auxiliary outputs 1, 2 Auxiliary outputs 3, 4 : Reinforced insulation : Functional isolation Power Supply Temperature unit Front-panel Setup Tool port Use S Key to change the digit (default setting). Use the M Key to change to another parameter. No. 1 display No. 2 display No. 3 display PV or specified parameter SP or specified parameter value Top View of E5EC Top View of E5EC-B Use the U D Keys to set the parameter. Front panel Press O Key once to go to Adjustment Level. Press O Key for at least 3 seconds to go to Initial Setting Level. Operation indicators Manipulated value or other value Top-panel Setup Tool port E5EC/E5EC-B Front Panel Temperature unit Operation indicators Press the S Key to change the digit (default setting). Press the M Key to change to another parameter. No. 1 display No. 2 display No. 3 display Press the O Key once to go to the Adjustment Level. Press the O Key for at least 3 seconds to go to the Initial Setting Level. PV or specified parameter SP or specified parameter value Manipulated value or other value Press the U or D Key to set the parameter. Top View of E5AC Front-panel Setup Tool port Top-panel Setup Tool port E5AC |