| データシートサーチシステム |
|
FZ-S/SC データシート(PDF) 31 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FZ-S/SC データシート(HTML) 31 Page - Omron Electronics LLC |
|
31 / 54 page ![]() FH-Series 31 Maximum Number of Loading Images during Multi-input *1 When using two camera cables for connection, the maximum number of loaded images during multi-input is twice the number given in the table. *2 The multi-input function cannot be used when the built-in light of an intelligent compact digital camera is used. Refer to the Vision System FH/FZ5 Series User's Manual (Cat. No. Z340) for details. Camera Model Max. Number of Loading Images during Multi-input *1 Intelligent Compact Digital CMOS Cameras *2 FZ-SQ010F/-SQ050F/-SQ100F/-SQ100N 256 0.3 million pixels CCD/CMOS Cameras FZ-S/-SC/-SF/SFC/-SH/-SHC/-SP/-SPC FH-SM/-SC 256 0.4 million pixels CMOS Cameras FH-SMX/-SCX 256 1.6 million pixels CMOS Cameras FH-SMX01/-SCX01 64 2 million pixels CCD Cameras FZ-S2M/-SC2M 64 2 million pixels CMOS Cameras FH-SM02/-SC02 51 3.2 million pixels CMOS Cameras FH-SMX03/-SCX03 36 4 million pixels CMOS Cameras FH-SM04/-SC04 32 5 million pixels CCD/CMOS Cameras FZ-S5M3/-SC5M3 FH-SMX05/-SCX05/-SM05R/-SC05R 25 12 million pixels CMOS Cameras FH-SM12/-SC12/-SMX12/-SCX12 10 20.4 million pixels CMOS Cameras FH-SM21R/-SC21R 6 |