| データシートサーチシステム |
|
E5DC-RX2ASM-017 データシート(PDF) 67 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2ASM-017 データシート(HTML) 67 Page - Omron Electronics LLC |
|
67 / 120 page ![]() E5DC 67 Mounting Adapters Y92F-53 (Two included.) Short Bars Y92S-P11 (Four included.) End Plate PFP-M DIN Tracks PFP-100N PFP-50N Spacer PFP-S Unit Labels Y92S-L2 End Cover Y92F-54 (Two included.) 12 34.7 11.8 9.4 This accessory is not included with the product. Order it separately to mount the product to a panel. 3 2.4 0.8 24.8 27.5 22.5 5 Use this product to connect between terminals (for power supplies, communications, etc.) when you use multiple E5DC Controllers. 50 11.5 10 M4×8 pan head screw M4 spring washer 4.8 1.3 1.8 1 10 6.2 1.8 35.5 35.3 4.5 15 25 25 10 10 1000 (500) * 25 25 15 (5) * 35±0.3 7.3±0.15 27±0.15 1 * Dimensions in parentheses are for the PFP-50N. 5 16 12 44.3 34.8 16.5 The Unit Labels for the Digital Panel Meter are used. Use either the °C or °F label from the sheet. 5.3 3.9 68 96 Use the End Cover when you mount the E5DC to a panel to hide the gap between the Controller and the panel. |