| データシートサーチシステム |
|
E5DC-RX2AUM-017 データシート(PDF) 15 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-017 データシート(HTML) 15 Page - Omron Electronics LLC |
|
15 / 120 page ![]() E5GC 15 Mounting Adapter Y92F-53 (Two provided.) Waterproof Packing Y92S-P12 Draw-out Jig Y92F-55 12 34.7 11.8 9.4 One pair is provided with the Temperature Controller. Order this Adapter separately if it becomes lost or damaged. The Waterproof Packing is provided with the Temperature Controller. Order the Waterproof Packing separately if it becomes lost or damaged. The Waterproof Packing can be used to achieve an IP66 degree of protection. (Deterioration, shrinking, or hardening of the waterproof packing may occur depending on the operating environment. Therefore, periodic replacement is recommended to ensure the level of waterproofing specified in IP66. The time for periodic replacement depends on the operating environment. Be sure to confirm this point at your site. Consider three years a rough standard.) 28.7 15 30.5 32.9 1.4 23 27.4 22 20 Use this Draw-out Jig to remove the interior body of the Digital Temperature Controller from the case to perform maintenance without removing the terminal wiring. |