| データシートサーチシステム |
|
E32-R16 5M データシート(PDF) 12 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 5M データシート(HTML) 12 Page - Omron Electronics LLC |
|
12 / 13 page ![]() E3X-HD 12 E3X-CN11 (3 conductors) E3X-CN12 (1 conductor) 4.0 dia. 2.6 dia. * The cable diameters are as follows: Note: When using E39-L143 Mounting Brackets, there will be small gaps between the Amplifier Units if they are mounted side by side. A * Mouting Holes With Mounting Braket Attached DIN track mounting 5.1 71.8 71.8 20.5 33.5 33.5 3.4 Optical communications (9.4) 16 Two, 3.2-dia. holes 16 29.9 4.4 3.4 E39-L143 Mounting Bracket (sold separately, SUS304) 10.3 DPC indicator ST indicator 27.1 21.7 L/D indicator Incident level red digital display Threshold level green digital display OUT indicator Two, 2.4-dia. holes 10 10 4.5 5.65 104.8 104.8 (max. value with cover open) 5.1 20.5 146.9 146.9 33.5 33.5 (37.9) 3.4 (20.3) PFP- @N DIN Track (sold separately) 170 ° (max. value with cover open) 49.2 71.8 71.8 16 Two-M3 12.7 Fiber Attachment (E39-F9) attached 4.3 M8 connector 11.2 A * 12.7 (16.5) (16.5) Amplifier Units with M8 Connectors E3X-HD14 E3X-HD44 DIN track mounting 27.1 21.7 OUT indicator L/D indicator ST indicator DPC indicator Incident level red digital display Threshold level green digital display 10 4.5 5.65 11.5 13.8 13.8 Two, 2.4-dia. holes 104.8 104.8 (max. value with cover open) PFP- @N DIN Track (sold separately) Fiber Attachment (E39-F9) attached 5.1 71.8 20.5 (37.9) 3.4 (39.3) 3.4 9.9 90.8 90.8 Optical communications 100 ° (max. value with cover open) 103.5 33.5 33.5 (16.5) Amplifier Unit with Connector for Sensor Communications Unit E3X-HD0 Refer to E32 Series for details on Fiber Units. |