| データシートサーチシステム |
|
E5DC-RX2DUM-017 データシート(PDF) 26 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2DUM-017 データシート(HTML) 26 Page - Omron Electronics LLC |
|
26 / 120 page ![]() E5CC/E5CC-B/E5CC-U 26 *7. The E5CC-U plug-in model is certified for UL listing only when used together with the OMRON P2CF-11 or P2CF-11-E Socket. The P3GA-11 is not certified for UL listing. *8. Access the following website for information on certified models. http://www.ia.omron.com/support/models/index.html *9. Refer to information on maritime standards in Shipping Standards on page 106 for compliance with Lloyd's Standards. *10.Industrial electromagnetic environment (EN/IEC 61326-1 Table 2) Standards Approved standards cULus: UL 61010-1/CSA C22.2 No.61010-1 *7, KOSHA (S Mark) certification (Some models only.) *8, Korean wireless regulations (Radio law: KC Mark) (Some models only.) *8, Lloyd's standards *9 Conformed standards EN 61010-1 (IEC 61010-1) EMC EMI: EN 61326-1 *10 Radiated Interference Electromagnetic Field Strength: EN 55011 Group 1, class A Noise Terminal Voltage: EN 55011 Group 1, class A EMS: EN 61326-1 *10 ESD Immunity: EN 61000-4-2 Electromagnetic Field Immunity: EN 61000-4-3 Burst Noise Immunity: EN 61000-4-4 Conducted Disturbance Immunity: EN 61000-4-6 Surge Immunity: EN 61000-4-5 Voltage Dip/Interrupting Immunity: EN 61000-4-11 |