| データシートサーチシステム |
|
E5DC-RX0ASM-015 データシート(PDF) 37 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX0ASM-015 データシート(HTML) 37 Page - Omron Electronics LLC |
|
37 / 138 page ![]() E5CC/E5CC-B/E5CC-U 37 Adapter DIN Track Mounting Adapter Fixture (Accessory) 69.6 to 77.6 87 67 × 67 72 × 72 76 4.7 72 × 72 48 × 48 Panel (1 to 8 mm) Mounting Adapter Y92F-30 (Accessory) 62.8 To back of the E5CC 2.2 4.7 Y92F-45 Mounted to E5CC Note: 1. Use this Adapter when the Front Panel has already been prepared for the E5B @. 2. Only black is available. 3. You cannot use the E58-CIFQ2 USB-Serial Conversion Cable if you use the Y92F-45 Adapter. To use the USB-Serial Conversion Cable to make the settings, do so before you mount the Temperature Controller in the panel. 4. You cannot use it together with the Y92F-49 Adapter that is enclosed with the Controller. 50 61 3.5 38 48 80.5 Mounted to E5CC Note: This Adapter cannot be used together with the Terminal Cover. Remove the Terminal Cover to use the Adapter. Y92F-52 This Adapter is used to mount the E5CC to a DIN Track. If you use the Adapter, there is no need for a plate to mount in the panel or to drill mounting holes in the panel. |