| データシートサーチシステム |
|
MICRF113 データシート(PDF) 19 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MICRF113 データシート(HTML) 19 Page - Micrel Semiconductor |
|
19 / 20 page ![]() Micrel, Inc. MICRF113 June 2008 19 M9999-060208 (408) 944-0800 Package Information 6-Pin Sot Package Type (YM6) Notes: 1. Dimensions and tolerances are in accordance with ANSI Y14.5M, 1982. 2. Package surface to be mirror finish. 3. Die is facing up for mold. Die is facing down for trim/form, that is, reverse trim/form. 4. The footlength measuring is based on the gauge plane method. 5 Dimensions are exclusive of mold flash and gate burr. MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical impla into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. can nt © 2008 Micrel, Incorporated. |