データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LE-D-P0MQ データシート(PDF) 12 Page - ams-OSRAM AG

部品番号 LE-D-P0MQ
部品情報  OSRAM OSTAR™ Projection Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-D-P0MQ データシート(HTML) 12 Page - ams-OSRAM AG

Back Button LE-D-P0MQ Datasheet HTML 8Page - ams-OSRAM AG LE-D-P0MQ Datasheet HTML 9Page - ams-OSRAM AG LE-D-P0MQ Datasheet HTML 10Page - ams-OSRAM AG LE-D-P0MQ Datasheet HTML 11Page - ams-OSRAM AG LE-D-P0MQ Datasheet HTML 12Page - ams-OSRAM AG LE-D-P0MQ Datasheet HTML 13Page - ams-OSRAM AG LE-D-P0MQ Datasheet HTML 14Page - ams-OSRAM AG LE-D-P0MQ Datasheet HTML 15Page - ams-OSRAM AG LE-D-P0MQ Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LE D P0MQ
DATASHEET
DATASHEET
12 | Version 1.6 | 2025-06-12
Recommended Solder Pad 7)
For protection during reflow soldering and handling a foil is attached to the device. The foil has to be removed before opera-
tion. For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. To ensure a
high solder joint reliability and to minimize the risk of solder joint cracks, the customer is responsible to evaluate the combina-
tion of PCB board and solder paste material for his application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22