データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LVC2G07 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74LVC2G07
部品情報  DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74LVC2G07 Datasheet HTML 3Page - Texas Instruments SN74LVC2G07 Datasheet HTML 4Page - Texas Instruments SN74LVC2G07 Datasheet HTML 5Page - Texas Instruments SN74LVC2G07 Datasheet HTML 6Page - Texas Instruments SN74LVC2G07 Datasheet HTML 7Page - Texas Instruments SN74LVC2G07 Datasheet HTML 8Page - Texas Instruments SN74LVC2G07 Datasheet HTML 9Page - Texas Instruments SN74LVC2G07 Datasheet HTML 10Page - Texas Instruments SN74LVC2G07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC2G07DBVR
SOT-23
DBV
6
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC2G07DBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC2G07DCKR
SC70
DCK
6
3000
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC2G07DCKR
SC70
DCK
6
3000
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC2G07DCKT
SC70
DCK
6
250
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC2G07DCKT
SC70
DCK
6
250
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
31-May-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13