| データシートサーチシステム |
|
39SE22-R データシート(PDF) 10 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
39SE22-R データシート(HTML) 10 Page - Honeywell Solid State Electronics Center |
|
10 / 14 page ![]() 10 sensing.honeywell.com SE and XE Series PRODUCT AND ACTUATOR DIMENSIONS Figure 1. MICRO SWITCH™ SE Dimensions, Wire Lead Figure 3. MICRO SWITCH™ XE Dimensions, Wire Lead Figure 2. MICRO SWITCH™ SE Dimensions, Solder Terminal Figure 4. MICRO SWITCH™ XE Dimensions, Solder Terminal 6,9 [0.27] Elastomer plunger seal Ø 2,3 [Ø 0.088] 8,38 [0.33] 7,5 [0.296] Corrosion-resistant steel plunger 1,27 [0.05] max. pretravel 2,3 [0.088] Corrosion-resistant treated metal enclosure 3,56 [0.14] Ø 2,5 [Ø 0.098] 10,8 [0.425] operating position 22,25 [0.876] 9,53 [0.375] 6,35 [0.25] 8,79 [0.346] Ø 1,98 [Ø 0.078] R 1,78 [0.07] spherical 850,9 [33.5] min. 12,29 [0.484] No. 20 wire lead per MIL-W-22759/11 embedded in epoxy casting resin 9,5 [0.38] 6,9 [0.27] Elastomer plunger seal Ø 2,3 [Ø 0.088] 8,38 [0.33] 7,5 [0.296] Corrosion-resistant steel plunger 1,27 [0.05] max. pretravel 2,3 [0.088] Corrosion-resistant treated metal enclosure Ø 2,5 [Ø 0.098] 10,8 [0.425] operating position 22,25 [0.876] 9,53 [0.375] 6,35 [0.25] 8,79 [0.346] Ø 1,98 [Ø 0.078] R 1,78 [0.07] spherical 22,35 [0.88] 9,5 [0.38] 10,8 [0.425] operating position 6,9 [0.27] 1,27 [0.05] max. pretravel R 1,78 [0.07] spherical Elastomer plunger seal Corrosion-resistant treated metal enclosure Corrosion-resistant steel plunger 15,65 [0.616] 8,03 [0.316] Ø 1,52 [Ø 0.06] 8,38 [0.33] 4,78 [0.188] 4,78 [0.188] Elongated mounting hole Ø 2,31[Ø 0.091] max. mounting hole 5,44 [0.214] 10,8 [0.425] operating position 6,9 [0.27] 1,27 [0.05] max. pretravel R 1,78 [0.07] spherical Elastomer plunger seal Corrosion-resistant treated metal enclosure Corrosion-resistant steel plunger 15,65 [0.616] 8,03 [0.316] Ø 1,52 [Ø 0.06] 8,38 [0.33] 4,78 [0.188] 4,78 [0.188] Elongated mounting hole Ø 2,31[Ø 0.091] max. mounting hole 5,44 [0.214] 304,8 [12.0] min. No. 22 wire lead per M22759/11 embedded in epoxy casting resin |