データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AWC86AS データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 AWC86AS
部品情報  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86AS データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AWC86AS Datasheet HTML 2Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 3Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 4Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 5Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 6Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 7Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 8Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 9Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Advanced Web Communication
(6)
Slim-Link® Server
Pin
Signal
Model
Description
Slim-Link® Server Pin Descriptions (continued)
28
DIN0
AWC86
The AWC86 buffers this digital data input and passes it to the AMD186 Address
and Data Bus bit 0. The buffer for this input is controlled by Programmable
Input/Output 2 from the AMD186 controller.
AIN0
AWC86A
AIN0 provides one of 8 analog input channels to the AWC86A. The integral
Analog to Digital Convertor creates a serial digital representation and sends it to
Programmable Input/Output 26 of the AMD186 controller.
29
DIN1
AWC86
The AWC86 buffers this digital data input and passes it to the AMD186 Address
and Data Bus bit 1. The buffer for this input is controlled by Programmable
Input/Output 2 from the AMD186 controller.
AIN1
AWC86A
AIN1 provides one of 8 analog input channels to the AWC86A. The integral
Analog to Digital convertor creates a serial digital representation and sends it to
Programmable Input/Output 26 of the ABD186 controller.
30
DIN2
AWC86
The AWC86 buffers this digital data input and passes it to the AMD186 Address
and Data Bus bit 2. The buffer for this input is controlled by Programmable
Input/Output 2 from the AMD186 controller.
AIN2
AWC86A
AIN2 provides one of 8 analog input channels to the AWC86A. The integral
Analog to Digital Convertor creates a serial digital representation and sends it to
Programmable Input/Output 26 of the AMD186 controller.
31
DIN3
AWC86
The AWC86 buffers this digital data input and passes it to the AMD186 Address
and Data Bus bit 3. The buffer for this input is controlled by Programmable
Input/Output 2 from the AMD186 controller.
AIN3
AWC86A
AIN3 provides one of 8 analog input channels to the AWC86A. The integral
Analog to Digital Convertor creates a serial digital representation and sends it to
Programmable Input/Output 26 of the AMD186 controller.
32
DIN4
AWC86
The AWC86 buffers this digital data input and passes it to the AMD186 Address
and Data Bus bit 4. The buffer for this input is controlled by Programmable
Input/Output 2 from the AMD186 controller.
AIN4
AWC86A
AIN4 provides one of 8 analog input channels to the AWC86A. The integral
Analog to Digital Convertor creates a serial digital representation and sends it to
Programmable Input/Output 26 of the AMD186 controller.
33
DIN5
AWC86
The AWC86 buffers this digital data input and passes it to the AMD186 Address
and Data Bus bit 5. The buffer for this input is controlled by Programmable
Input/Output 2 from the AMD186 controller.
AIN5
AWC86A
AIN5 provides one of 8 analog input channels to the AWC86A. The integral
Analog to Digital Convertor creates a serial digital representation and sends it to
Programmable Input/Output 26 of the AMD186 controller.
34
DIN6
AWC86
The AWC86 buffers this digital data input and passes it to the AMD186 Address
and Data Bus bit 6. The buffer for this input is controlled by Programmable
Input/Output 2 from the AMD186 controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19