データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5543 データシート(PDF) 28 Page - Cirrus Logic

部品番号 CS5543
部品情報  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 データシート(HTML) 28 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 22Page - Cirrus Logic CS5543 Datasheet HTML 23Page - Cirrus Logic CS5543 Datasheet HTML 24Page - Cirrus Logic CS5543 Datasheet HTML 25Page - Cirrus Logic CS5543 Datasheet HTML 26Page - Cirrus Logic CS5543 Datasheet HTML 27Page - Cirrus Logic CS5543 Datasheet HTML 28Page - Cirrus Logic CS5543 Datasheet HTML 29Page - Cirrus Logic CS5543 Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
CS5542 CS5543
28
DS109PP2
CS5543 PIN DESCRIPTIONS
DMODE[2:0] - Digital Mode Select (Inputs), Pins 29, 30, 31.
Selects the operation mode of the CS5543.
DATSEL[3:0] - Data Selection Mode (Inputs), Pins 32, 33, 34, 35.
Selects the Data to be placed on the DATAOUT[3:0] pins.
RST - Chip Reset (Input), Pin 26
Resets all internal logic and registers.
DSD-System Interface Pins
DATACLK - Serial Data Clock (Input), Pin 38.
Clock signal generated by the system controller which governs all serial output data timing
from the CS5543.
CLKIN - Master System Clock (Input), Pin 36.
A CMOS compatible clock input to this pin governs all non-serial data timing.
FRAME - Framing Signal (Input), Pin 37.
Synchronizes DATACLK and MCLK for each frame of output data from the CS5543.
DATAOUT[3:0] - Serial Output Data (Outputs), Pins 41-44.
CS5543 serial output data.
DATAIN[3:0] - Serial Data Inputs (Inputs), Pins 1-4.
CS5543 serial input data from the serial output of the adjacent CS5543 in a multi-decimator
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30