| データシートサーチシステム |
|
3D7521 データシート(PDF) 2 Page - Data Delay Devices, Inc. |
|
|
|||||||||||||||||||||||||||||
3D7521 データシート(HTML) 2 Page - Data Delay Devices, Inc. |
|
2 / 4 page ![]() 3D7521 APPLICATION NOTES The 3D7521 Manchester Encoder samples the data input at the rising edge of the input clock. The sampled data is used in conjunction with the clock rising and falling edges to generate the by- phase level Manchester code. INPUT SIGNAL CHARACTERISTICS The 3D7521 Manchester Encoder inputs are TTL compatible. The user should assure himself that the 1.5 volt TTL threshold is used when referring to all timing, especially to the input clock duty cycle. CLOCK DUTY CYCLE ERRORS The 3D7521 Manchester Encoder employs the timing of the clock rising and falling edges (duty cycle) to implement the required coding scheme. To reduce the difference between the output data high time and low time, it is essential that the deviation of the input clock duty cycle from 50/50 be minimized. OUTPUT SIGNAL CHARACTERISTICS The 3D7521 presents at its outputs the true and the complimented encoded data. The High-to-Low time skew of the selected data output should be budgeted by the user, as it relates to his application, to satisfactorily estimate the distortion of the transmitted data stream. Such an estimate is very useful in determining the functionality and margins of the data link, if a 3D7522 Manchester Decoder is used to decode the received data. POWER SUPPLY AND TEMPERATURE CONSIDERATIONS CMOS integrated circuitry is strongly dependent on power supply and temperature. The monolithic 3D7521 Manchester encoder utilizes novel and innovative compensation circuitry to minimize timing variations induced by fluctuations in power supply and/or temperature. RESET (RESB) CLOCK (CIN) DATA (DIN) TRANSMIT (TX) TRANSMIT (TXB) tDS tDH Figure 1: Timing Diagram 1/fC 10110010 10110010 Power-on reset (Left high for normal operation) T2H T2L T1H T1L Doc #06001 DATA DELAY DEVICES, INC. 2 10/31/2007 Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com |