| データシートサーチシステム |
|
MCT101HDMI-A-RTP-V2 データシート(PDF) 12 Page - Midas Components |
|
|
|||||||||||||||||||||||||||||
MCT101HDMI-A-RTP-V2 データシート(HTML) 12 Page - Midas Components |
|
12 / 13 page ![]() Note 5: Definition of Luminance Uniformity Active area is divided into 9 measuring areas (reference the picture in below). Every measuring point is placed at the center of each measuring area. Luminance Uniformity (U) = Lmin/Lmax x100% L = Active area length W = Active area width Fig8.3. Definition of uniformity Note 6: Definition of color chromaticity (CIE 1931) Color coordinates measured at the center point of LCD Note 7: Measured at the center area of the panel when all the input terminals of LCD panel are electrically opened. Page 12 of 13 |