データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICUSB2322F データシート(PDF) 2 Page - StarTech.com Ltd.

部品番号 ICUSB2322F
部品情報  2 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STARTECH [StarTech.com Ltd.]
ホームページ  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB2322F データシート(HTML) 2 Page - StarTech.com Ltd.

  ICUSB2322F Datasheet HTML 1Page - StarTech.com Ltd. ICUSB2322F Datasheet HTML 2Page - StarTech.com Ltd. ICUSB2322F Datasheet HTML 3Page - StarTech.com Ltd. ICUSB2322F Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
Single cable design for portability
Wall mountable design
Integrated FTDI USB UART Chip
COM Port assignments maintained across reboot
Compatible with Windows®, Mac OS and Linux
Baud Rate up to 921.6 Kbps
Powered by the USB port - no external power adapter required
Designed to make serial port expansion quick and easy
6-foot cable length for connecting to devices without having to be too close
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4