| データシートサーチシステム |
|
CAT32 データシート(PDF) 13 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT32 データシート(HTML) 13 Page - Catalyst Semiconductor |
|
13 / 14 page ![]() CAT32 © Catalyst Semiconductor, Inc. 13 Doc. No. MD-5001 Rev. AD Characteristics subject to change without notice EXAMPLE OF ORDERING INFORMATION1 Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard lead finish is NiPdAu. (3) The device used in the above example is a CAT32ZD4-GT3 (TDFN, NiPdAu, Tape & Reel, 3,000/Reel). (4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office. Prefix Device # Suffix CAT 32 ZD4 – G T3 Product Number 32 Tape & Reel T: Tape & Reel 3: 3,000/Reel Lead Finish G: NiPdAu Package ZD4: TDFN TD: TSOT-23 Optional Company ID For Product Top Mark Codes, click here: http://www.catsemi.com/techsupport/producttopmark.asp |