| データシートサーチシステム |
|
CP7032M7680LABK データシート(PDF) 3 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
CP7032M7680LABK データシート(HTML) 3 Page - CTS Corporation |
|
3 / 4 page ![]() Document No. 008-0321-0 Page 3 - 4 Rev. B ٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠ Model CP5 and CP7 5x3.2mm and 7x5mm Low Cost Programmable Clock Oscillator MECHANICAL SPECIFICATIONS PACKAGE DRAWING 1 PIN 1 IDENTIFIER 4 3 2 L W T P4 P1 P2 P3 SUGGESTED SOLDER PAD GEOMETRY S4 S3 S2 S1 12 3 4 C BYPASS CP5 MARKING INFORMATION, Label CP7 MARKING INFORMATION, Label 1. P5 – programmable, 5x3.2mm package. 1. YYWW – Programmed Date code, 2. V - voltage code (see Ordering Information). YY – year, WW – week. 2. S - stability/temperature code (see Ordering Information). 2. XXX.XXXX - Frequency marked with 4 significant digits 3. D – Manufactured Date Code (see Table I). after the decimal. 4. XX.XXX - Frequency marked with 3 significant digits 3. P7VSP after the decimal or XXX.XX - Frequency marked with P7 – programmable, 7x5mm package. 2 significant digits after the decimal. V - voltage code. S - stability/temperature code. CTS YYWW XXX.XXXX ● P7VS MARKING LABEL HERE P5VSD XX.XXX TABLE I – DATE CODE MONTH YEAR JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC 2001 2005 2009 2013 2017 A B C D E F G H J K L M 2002 2006 2010 2014 2018 N P Q R S T U V W X Y Z 2003 2007 2011 2015 2019 a b c d e f g h j k l m 2004 2008 2012 2016 2020 n p q r s t u v w x y z DIMENSION TABLE PACKAGE L W T P1 P2 P3 P4 S1 S2 S3 S4 5.0 ±0.2 3.2 ±0.2 1.2 Max 1.2 1.0 2.54 2.2 1.2 1.4 2.2 2.54 0.197 ±0.008 0.126 ±0.008 0.047 Max 0.047 0.039 0.100 0.087 0.047 0.055 0.087 0.100 7.0 ±0.2 5.0 ±0.2 1.6 Max 1.4 1.2 5.08 3.7 2.0 1.8 4.2 5.08 0.276 ±0.008 0.197 ±0.008 0.063 Max 0.055 0.047 0.200 0.146 0.079 0.071 0.165 0.200 mm Inch CP5 CP7 Key: P5VSD XXX.XX |