| データシートサーチシステム |
|
010011TD データシート(PDF) 2 Page - Labfacility Ltd |
|
|
|||||||||||||||||||||||||||||
010011TD データシート(HTML) 2 Page - Labfacility Ltd |
|
2 / 3 page ![]() Datasheet PRT - 28 Mar-24 Specifications General Description Pt100 thin film element housed in ceramic sheath Element Pt100 Cable Length 50mm or 450mm Cable Type PTFE insulated wires Core / Strands 7/0.15mm Cable Termination Bare Tails Max. Temperature +250°C Min. Temperature -50°C Tolerance Class B Detector Dimensions Ceramic 5mm dia x 35mm long Number of Wires 2 or 4 Multi Pack - Ordering Information Type Number of Wires Class Sheath Diameter Sheath Length Wire Length Pack Size Manufacturers Number Farnell order Number PT100 2 B 5 35 50mm 10 010011TD XF-2918-FAR PT100 4 B 5 35 450mm 10 010010TD XF-2919-FAR Singles - Ordering Information Type Number of Wires Class Sheath Diameter Sheath Length Wire Length Manufacturers Number Farnell order Number PT100 2 B 5 35 50mm 010011TD 7255731 PT100 4 B 5 35 450mm 010010TD 7255743 |