データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FPR データシート(PDF) 3 Page - Schurter Inc.

部品番号 FPR
部品情報  Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPR データシート(HTML) 3 Page - Schurter Inc.

  FPR Datasheet HTML 1Page - Schurter Inc. FPR Datasheet HTML 2Page - Schurter Inc. FPR Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Fuseholder
FPR
https://www.schurter.com /PG02
Circuit Protection
Derating Curves
acc. to IEC
1.5
1.0
0.5
0.0
3.2
2.0
020406080
100
I = << In
I = 0.7In
I = 1.0In
Ambient air temperature Ta °C
Variants
Holder
Cap
Terminal
Material
Order Number
l
slotted
PCB terminals THT
Thermoplastic
3-127-700
Availability for all products can be searched real-time: https://www.schurter.com/en/info-center/support-tools/stock-check-distributors
Packaging Unit
Bulk 186 x 91 x 91 mm (100 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com